this document was generated on 04/15/2010 please check www.molex.com for latest part information part number: 0355721200 status: active description: 2.50mm (.098") pitch wire-to-wire and wire-to-board housing, positive lock, nylon 6/6 material, 12 circuits, natural documents: 3d model product specification ps-35572-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family crimp housings series 35572 product name n/a physical breakaway no circuits (maximum) 12 color - resin natural gender female glow-wire compliant no keying to mating part none lock to mating part yes material - resin polyester number of rows 1 packaging type bag panel mount no pitch - mating interface (in) 0.098 in pitch - mating interface (mm) 2.50 mm temperature range - operating -40c to +105c material info reference - drawing numbers product specification ps-35572-001 sales drawing sd-35572-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 35572 series mates with 35312 vertical shrouded header, 35184 plug housing use with 57915 wire-to-board terminal this document was generated on 04/15/2010 please check www.molex.com for latest part information
|